PART |
Description |
Maker |
WG12864F |
GRAPHIC LCD MODULE display format: 128x64; module size: 87.0x70.0; viewing size: 72.0x40.0; dot size: 0.48x0.48; dot pitch: 0.52x0.52; controller: T6963C; Graphic 128 x 64 dots
|
WSTAR http:// ETC List of Unclassifed Manufacturers
|
IDT728981 IDT728981DB IDT728981P IDT728981J |
128 x 128 TSI, 4 I/O at 2Mbps, Variable Delay, 5.0V TSI-TDM Switches TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
|
IDT[Integrated Device Technology]
|
89HPES24NT24G2 |
Supports 128 Bytes to 2 KB maximum payload size
|
Integrated Device Techn...
|
AIT1000M AIT1000 AIT1000PICOTUNER |
Picotuner Complete Integrated Data Tuner Circular Connector; No. of Contacts:128; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-35 RoHS Compliant: No JT 128C 128#22D SKT PLUG
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc] ANADIGICS Inc ANADIGICS, Inc.
|
K9F1208D0B-Y K9F1208U0B-Y K9F1208Q0B-F K9F1208Q0B- |
64M x 8 Bit NAND Flash Memory 6400 × 8位NAND闪存 TV 128C 128#22D SKT RECP Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV07; No. of Contacts:128; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
LT1121 LT1121-3.3 LT1121-5 LT1121ACS8 LT1121ACS8-3 |
From old datasheet system Micropower Low Dropout Regulators with Shutdown Octal Buffers/Drivers With 3-State Outputs 20-SO 0 to 70 Paired Cable; Number of Conductors:30; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:15; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes JT 18C 18#20 SKT PLUG Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO8 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PBCY3 Octal Buffers/Drivers With 3-State Outputs 20-SOIC 0 to 70 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDIP8
|
http:// LINER[Linear Technology] Linear Technology Corporation 固定正电压单路输出LDO稳压 Linear Technology, Corp.
|
SG1201A |
GRAPHIC LCD MODULE display format: 12x1; module size: 80x36x8.8; viewing size: 65.0x16.0; character size: 30.93x7.64; dot size: 0.40x0.60; controller: HD66730;
|
SUNLIKE
|
SEPS225 SEPS225F0A SEPS225T0A |
128 x 128 Dots, 262K Colors PM?]OLED Display Driver and Controller
|
ETC
|
BL128128C2 |
OLED Display 128 x 128 dots Built-in controller SSD1355
|
Bolymin, Inc
|
IDT72V70180PF |
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
|
Integrated Device Technology
|
MT8981D MT8981DE MT8981DP MT8981 |
128 x 128 Channels (4 TDM Streamsat 2.048 Mbps) Non-blocking Digital Switch
|
Zarlink Semiconductor Inc
|
CY7C346B04 CY7C346B-25HC_HI CY7C346B-25RC_RI CY7C3 |
128-Macrocell MAX® EPLD 128-Macrocell MAX垄莽 EPLD 128-Macrocell MAX庐 EPLD 128-Macrocell MAX? EPLD 128-Macrocell MAX㈢ EPLD 128-Macrocell MAX EPLD
|
Cypress Semiconductor
|